Part Number Hot Search : 
1SMA4749 ON0750 LTM8002 RD2V0EB1 LTM8002 100N1 0515S 21D003
Product Description
Full Text Search
 

To Download MUR1605CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
* * * *


!"# $
% !"#
Features
Glass passivated chip Superfast switching time for hight efficiency Low reverse leakage current High surge capacity
MUR1605CT THRU MUR1620CT
16 Amp Super Fast Glass Passivated Rectifier 50 to 200 Volts
Maximum Ratings
* * Operating Junction Temperature: -55C to +150C Storage Temperature: -55C to +150C Microsemi Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V
TO-220AB
B C K
PIN 1 2 3
L M D A E
MUR1605CT MUR1605CT MUR1610CT MUR1610CT MUR1620CT MUR1620CT
35V 70V 140V
F G I J N HH
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time
Typical Junction Capacitance
IF(AV) IFSM
16 A 90 A
TC = 120C 8.3ms, half sine TJ = 25C IFM=8A IFM=16A TJ = 25C TJ = 100C
PIN 1 PIN 3 PIN 2 CASE
VF 1.20V 1.25V IR 5.0uA 100uA
A B C D E F G H I J K L M N
MM 14.22 9.65 2.54 5.84 9.65 --12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92
Trr
35ns
IF=0.5A, IR=1.0A, Irr=0.25A Measured at 1.0MHz, VR=4.0V
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 --.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
CJ
80pF
*Pulse Test: Pulse Width 300sec, Duty Cycle 2%
www.mccsemi.com
MUR1605CT thru MUR1620CT
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .6 .06 .04 .02 .1 .01 .2 .4 .6 .8 1.0 1.2 1.4 20 40 60 .4 4 .2 1000 600 400 200 100 60 40 20 TJ=25C Amps 10 6 4 2 1
MCC
Figure 2 Typical Reverse Characteristics
100 Volts
120
140
160
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 16
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Maximum Non-Repetitive Forward Surge Current 150
12
125 100 75 Amps 50 25
8
6 Amps 4
2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 60 80 100 C Average Forward Rectified Current - Amperes versus Case Temperature - C 120 140 160
0
1
2
4
6
8 10 Cycles
20
40 00
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MUR1605CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X